Part Number Hot Search : 
1858035W BA110LST 25N201 LTC1504 HL6750MG FDD6N20 AAT1120 BAT54A
Product Description
Full Text Search
 

To Download CDRH30D18SNP-1R2N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductor< SMD Type: CDRH Series>
Type: CDRH30D18/S
Product Description
3.2x3.2mm Max.(LxW),2.0mm Max. Height. Inductance Range: 0.847H Rated current range:0.34-2.65A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically shielded construction. Ideally used in Mobilephone,PDA,MP3,DSC/DVC,Portable DVD,etc as DC-DC Converter inductors. Strong resistance against drop shock. RoHS Compliance.
Dimensions (mm)
3 4. x. Ma
3.00.2
2.85
0.85 3.00.2 (1.8) 2.0Max. 2.85
Not including terminal dimension.
Electrode
Land Pattern (mm)
1.45
0.6
1.45
Please refer to the sales offices on our website for a representative near you
3.5
www.sumida.com
1/2
Power Inductor< SMD Type: CDRH Series>
Type: CDRH30D18/S
Specification
Part Name CDRH3OD18SNP-OR8N CDRH3OD18SNP-1R2N CDRH3OD18SNP-1R5N CDRH3OD18SNP-1R8N CDRH3OD18SNP-2R2N CDRH3OD18SNP-2R7N CDRH3OD18SNP-3R3N CDRH3OD18SNP-4R7N CDRH3OD18SNP-5R6N CDRH3OD18SNP-6R8N CDRH3OD18SNP-8R2N CDRH3OD18SNP-1OON CDRH3OD18SNP-15ON CDRH3OD18SNP-22ON CDRH3OD18SNP-33ON CDRH3OD18SNP-47ON Description of Part Name CDRH3OD18SNP-OR8N Stamp Inductance Within 100kHz/1V 0.8H25 1.2H25 1.5H25 1.8H25 2.2H25 2.7H25 3.3H25 4.7H25 5.6H25 6.8H25 8.2H25 10.0H25 15.0H25 22.0H25 33.0H25 47.0H25 D.C.R.() Max.(Typ.) (at 20) 35.8m(28.6m) 42.4m(33.9m) 46.9m(37.5m) 60.0m(48.0m) 69.0m(55.2m) 85.3m(68.2m) 94.8m(75.8m) 149m(119m) 164m(131m) 196m(157m) 229m(183m) 276m(221m) 376m(301m) 610m(488m) 890m(712m) 1.31(1.05) Saturation Current A1 (at 20) 2.80 2.30 2.10 1.90 1.80 1.50 1.45 1.15 1.05 0.95 0.90 0.82 0.65 0.55 0.45 0.38 (at105) 2.20 1.80 1.60 1.45 1.40 1.20 1.10 0.90 0.80 0.72 0.70 0.62 0.50 0.42 0.35 0.29 Temperature Rise current (A) 2 2.65 2.30 2.20 1.85 1.70 1.50 1.40 1.15 1.10 1.00 0.85 0.76 0.68 0.48 0.42 0.34
A B C D E F G H I J K L M N O P
B C
Box Carrier Tape
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value 2 Temperature rise current:The DC current at which the temperature rise is t40.(Ta20)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH30D18SNP-1R2N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X